Part Number Hot Search : 
B90547GP MP20051 PSKH250 084B1 AO461210 6600M C1412EUA MPC56
Product Description
Full Text Search
 

To Download V23092-A1024-A201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 schrack general purpose relays pcb relays slimline pcb relay snr n 1 pole 6a, 1 form c (co), 1 form a (no) n only 5mm wide n flat pack version available n sensitive coil 170mw n reinforced insulation (protection classii) n strong coil pins for din-rail socket n allows high function- / packaging density n cadmium-free contacts, agni 90/10 for ac-loads typical applications interface technology, plcs, timers, centralized and decentralized heating control approvals vde reg.-nr. 6666, ul e214024 technical data of approved types on request contact data contact arrangement 1 form c (co) or 1 form a (no) rated voltage 250vac max. switching voltage 400vac rated current 6a limiting making current, max 4s, df 10% 10a breaking capacity max. 1500va contact material agsno 2 , agsno 2 agni 90/10 gold plated min. recommended contact load 100ma, 12v 50mw frequency of operation, with/without load 6/1200min -1 operate/release time max. 12/5ms bounce time max., form a/form b 3/8ms contact ratings type contact load cycles ec 61810 v23092-*****-a301, -a801 c (co) 6a, 250vac, cos =1, 85c 5x10 3 ul 508 v23092-*****-a301, -a801 a/b 6a, 250vac, general purpose, 85c 6x10 3 v23092-*****-a301, -a801 a/b b300, 85c 6x10 3 v23092-*****-a301, -a801 a/b r300, 85c 6x10 3 en60730-1 v23092-*****-a302 a (no) 3a (1.5a), 250vac, 85c 100x10 3 v23092-*****-a302, -a802 a (no) 5a (1.5a), 250vac, 85c 10x10 3 mechanical endurance, dc coil 10x10 6 operations coil data coil voltage range 5 to 60vdc operative range, iec 61810 2 coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% 1) mw 005 5 3.5 0.25 147 170 012 12 8.4 0.6 848 170 024 24 16.8 1.2 3390 170 048 48 33.6 2.4 10600 1) 217 060 60 42.0 3.0 20500 1) 176 1) coil resistance 15%. all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. insulation data initial dielectric strength between open contacts 1000v rms between contact and coil 4000v rms clearance/creepage between contact and coil 6/8mm material group of insulation parts iiia tracking index of relay base pti250 f0140-d z v
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 schrack general purpose relays pcb relays slimline pcb relay snr (continued) other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -40 to +85c category of environmental protection iec 61810 rtiii - wash tight vibration resistance (functional), form a (no) / form b (nc) 10/5g shock resistance (functional), form a (no) / form b (nc) 10/5g shock resistance (destructive) 30g terminal type pcb-tht, plug-in mounting pcb, socket weight 6g resistance to soldering heat tht iec 60068-2-20 260c/5s 2) packaging unit tube/20 pcs., box/1000 pcs. 2) for fat pack version selective soldering is recommended accessories for details see datasheet accessories slim interface relay snr pcb layout / terminal assignment bottom view on solder pins dimensions 1 form c contact (1 co) 1 form a contact (1 no) vertical version flat pack version 2) s0258-aa s0258-ab s0258-ac s0284-a s0283-a version for din-rail socket s0283-ab 2) for fat pack version selective soldering is recommended
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 schrack general purpose relays pcb relays slimline pcb relay snr (continued) product code structure typical product code v23092 -a 1 005 -a 3 01 type v23092 slimline pcb relay snr version a pcb, vertical version b pcb, fat pack version s plug-in, vertical version version 1 wash tight coil coil code: please refer to coil versions table contact system a standard contact material 2 agsno 2 , gold plated 3 agsno 2 8 agni 90/10 contact confguration 01 1 form c contact (1 co) 02 1 form a contact (1 no) no version with 8/8mm clearance and creepage and other types on request product code version contact arrangement contact material coil part number v23092-a1005-a201 pcb 1 form c (co) contact agsno 2 , gold plated 5vdc 1393236-1 v23092-a1005-a202 vertical version 1 form a (no) contact 8-1415067-1 v23092-a1005-a301 wash tight 1 form c (co) contact agsno 2 1393236-2 v23092-a1005-a302 1 form a (no) contact 9-1415067-1 v23092-a1005-a801 1 form c (co) contact agni 90/10 1-1415068-1 v23092-a1005-a802 1 form a (no) contact 1415068-1 v23092-a1012-a201 1 form c (co) contact agsno 2 , gold plated 12vdc 1393236-4 v23092-a1012-a202 1 form a (no) contact 1393236-5 v23092-a1012-a301 1 form c (co) contact agsno 2 1393236-7 v23092-a1012-a302 1 form a (no) contact 1393236-8 v23092-a1012-a801 1 form c (co) contact agni 90/10 1-1393236-3 v23092-a1012-a802 1 form a (no) contact 2-1415068-1 V23092-A1024-A201 1 form c (co) contact agsno 2 , gold plated 24vdc 2-1393236-1 v23092-a1024-a202 1 form a (no) contact 2-1393236-2 v23092-a1024-a301 1 form c (co) contact agsno 2 2-1393236-4 v23092-a1024-a302 1 form a (no) contact 2-1393236-5 v23092-a1024-a801 1 form c (co) contact agni 90/10 3-1393236-0 v23092-a1024-a802 1 form a (no) contact 5-1415063-1 v23092-a1048-a201 1 form c (co) contact agsno 2 , gold plated 48vdc 3-1393236-5 v23092-a1048-a202 1 form a (no) contact 3-1393236-6 v23092-a1048-a301 1 form c (co) contact agsno 2 3-1393236-7 v23092-a1048-a302 1 form a (no) contact 3-1393236-8 v23092-a1048-a801 1 form c (co) contact agni 90/10 3-1393236-9 v23092-a1048-a802 1 form a (no) contact 3-1415068-1 v23092-s1005-a201 plug-in 1 form c (co) contact agsno 2 , gold plated 5vdc 1956024-9 v23092-s1005-a301 vertical version agsno 2 1-1956024-0 v23092-s1012-a201 wash tight agsno 2 , gold plated 12vdc 1956024-1 v23092-s1012-a301 agsno 2 1956024-2 v23092-s1024-a201 agsno 2 , gold plated 24vdc 1956024-3 v23092-s1024-a301 agsno 2 1956024-4 v23092-s1048-a201 agsno 2 , gold plated 48vdc 1956024-5 v23092-s1048-a301 agsno 2 1956024-6 v23092-s1060-a201 agsno 2 , gold plated 60vdc 1956024-7 v23092-s1060-a301 agsno 2 1956024-8


▲Up To Search▲   

 
Price & Availability of V23092-A1024-A201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X